PART |
Description |
Maker |
AM29F100-1 AM29F100B-120DGC AM29F100B-120DGC1 AM29 |
1 megabit CMOS 5.0 volt-only, boot sector flash memory 1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory-Die Revision 1 Hex Inverters 14-VQFN -40 to 85 1兆位28x 8-Bit/64x 16位).0伏的CMOS只,引导扇区快闪记忆体模修订1 1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1 128K X 8 FLASH 5V PROM, 120 ns, UUC47 1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1 1兆位28亩x 8-Bit/64亩x 16位).0伏的CMOS只,引导扇区快闪记忆体模修订1 Hex Inverters 14-TSSOP -40 to 85 1兆位28亩x 8-Bit/64亩x 16位).0伏的CMOS只,引导扇区快闪记忆体模修订1
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. PROM ADVANCED MICRO DEVICES INC
|
AM29LV001BT-45RFCB AM29LV001BT-45RFIB AM29LV001BT- |
1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 90 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 55 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 45 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 90 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 55 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1兆位28亩8位)的CMOS 3.0伏,只引导扇区闪 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1兆位128亩8位)的CMOS 3.0伏,只引导扇区闪
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29F010B-90EK AM29F010B-45EC AM29F010B-45PC AM29F |
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 90 ns, PDSO32 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 45 ns, PDSO32 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 45 ns, PDIP32 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 120 ns, PDSO32 15V Single Output Isolated DC/DC Converter 128K X 8 FLASH 5V PROM, 120 ns, PDIP32 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 120 ns, PQCC32 128K X 8 FLASH 5V PROM, 90 ns, PDIP32
|
Spansion, Inc. SPANSION LLC
|
AM49PDL129BH66IS AM49PDL127BH66IS AM49PDL129BH85IS |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
|
Spansion Inc.
|
AM29F200AB-150EEB AM29F200AB-70FC AM29F200AB-90SEB |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 70 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区闪存 Dual Retriggerable Monostable Multivibrators 16-SSOP -40 to 85 128K X 16 FLASH 5V PROM, 120 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 120 ns, PDSO48 Dual Retriggerable Monostable Multivibrators 16-SOIC -40 to 85 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区闪存
|
Advanced Micro Devices, Inc. http://
|
AM29LV642DU120PAE AM29LV642DU50PAE AM29LV642DU50PA |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OControl 128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
|
Advanced Micro Devices, Inc.
|
AM29BDS128HD9VFI AM29BDS64HD8VKI AM29BDS128HD8VKI |
128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 12864兆位米或4个M x 16位)的CMOS 1.8伏,只有同时写,突发模式闪存 128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 8M X 16 FLASH 1.8V PROM, 50 ns, PBGA80 128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 1284兆位米或4个M x 16位)的CMOS 1.8伏,只有同时写,突发模式闪存
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
EN71NS128B0-7DCWP EN71NS128B011 |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
AM29F200BB-45EC AM29F200BB-45ED AM29F200BB-45EF AM |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
|
http://
|
AM29F200 AM29F200BT-120 AM29F200BT-45 AM29F200BT-5 |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
|
AMD[Advanced Micro Devices]
|
AM29F200BT-55 AM29F200BB-45 AM29F200BB-120 AM29F20 |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
|
http:// AMD Advanced Micro Devices, Inc.
|